PART |
Description |
Maker |
74LVT16244 74LVT16244MTDX 74LVTH16244MEA 74LVTH162 |
4K, 512 X 8, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE Low Voltage16-Bit Buffer/Line Driver Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LVT162240 74LVT162240MEA 74LVT162240MTD 74LVTH16 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ALVC162240 74ALVC162240T 74ALVC162240TX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX16244 |
Low Voltage 16-Bit Buffer/Line Driver From old datasheet system
|
Fairchild
|
74LCX16244 74LCX16244MEA 74LCX16244MTD 74LCX16244C |
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74VCX1682702 MTD56 74VCX16827 74VCX16827MTD 74VCX1 |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
IRF[International Rectifier] FAIRCHILD[Fairchild Semiconductor]
|
74ALVC16244GX 74ALVC16244MTD 74ALVC16244 |
Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74LCXZ16244 |
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor Corporation
|
74VCX16827 74VCX16827MTD 74VCX16827MTDX 74VCX16827 |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs Dual 10-Bit Buffer/Driver ALVC/VCX/A SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|